Part Number Hot Search : 
DM74121N TC9317F BT501 002BE HT93LC SMPJ309 SI9104 00120
Product Description
Full Text Search
 

To Download STE320FC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STE Series
6 Pad Clipped Sinewave TCXO Oscillator
PART NUMBERING GUIDE
Lead-Free RoHS Compliant
CALIBER
Electronics Inc.
Environmental/Mechanical Specifications on page F5
STE 3 25 D S 5 - 20.480M
Supply Voltage 3=3.3Vdc / 5=5.0Vdc Frequency Stability Table 1 Operating Temp. Range Table 1 Frequency M=MHz Frequency Deviation Blank=No Connection (TCXO) 5=5ppm Min. / 10=10ppm Min. Output T=TTL / M=HCMOS / C=Compatible / S=Clipped Sinewave
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Stability Operating Temperature Range Storage Temperature Range Supply Voltage Load Drive Capability Output Voltage Internal Trim (Top of Can) Control Voltage (External) Frequency Deviation Aging (@ 25C) Frequency Stability Vs. Operating Temperature Vs. Inpput Voltage (5%) Vs. Load (2kOhms // 2pF) Input Current 9.600MHz to 20.000MHz 20.001MHz to 29.999MHz 30.000MHz to 35.000MHz 9.600MHz to 35.000MHz
Revision: 2003-C
All values inclusive of temperature, aging, and load See Table 1 Above. See Table 1 Above. -40C to 85C 5 VDC 5% 10kOhms // 10pF 1Vp-p Minimum 3ppm Minimum 2.5Vdc 2.0Vdc Positive Transfer Characteristics 5ppm Minimum Over Control Voltage 1ppm / year Maximum See Table 1 Above. 0.3ppm Maximum 0.3ppm Maximum 1.5mA Maximum 2.0mA Maximum 3.0mA Maximum
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Operating Temperature 1.5ppm Range Code 0 to 50C -10 to 60C -20 to 70C -30 to 60C -30 to 75C -35 to 85C -40 to 80C A B C D E F G 15 * * *
Frequency Stability (ppm) * Denotes Availability of Options 2.0ppm 20 * * * * * 2.5ppm 25 * * * * * * 3.0ppm 30 * * * * * * * 3.5ppm 35 * * * * * * * 5.0ppm 50 * * * * * * *
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of STE320FC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X